Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 64Page - Renesas Technology Corp H8S2282F Datasheet HTML 65Page - Renesas Technology Corp H8S2282F Datasheet HTML 66Page - Renesas Technology Corp H8S2282F Datasheet HTML 67Page - Renesas Technology Corp H8S2282F Datasheet HTML 68Page - Renesas Technology Corp H8S2282F Datasheet HTML 69Page - Renesas Technology Corp H8S2282F Datasheet HTML 70Page - Renesas Technology Corp H8S2282F Datasheet HTML 71Page - Renesas Technology Corp H8S2282F Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 615 page
background image
Section 2 CPU
Rev. 3.00 Sep 26, 2006 page 36 of 580
REJ09B0148-0300
2.5.2
Memory Data Formats
Figure 2.10 shows the data formats in memory. The H8S/2000 CPU can access word data and
longword data in memory, however word or longword data must begin at an even address. If an
attempt is made to access word or longword data at an odd address, an address error does not
occur, however the least significant bit of the address is regarded as 0, so access begins the
preceding address. This also applies to instruction fetches.
When ER7 is used as an address register to access the stack, the operand size should be word or
longword.
70
76
543210
MSB
LSB
MSB
MSB
LSB
LSB
Data Type
Address
1-bit data
Byte data
Word data
Address L
Address L
Address 2M
Address 2M+1
Longword data
Address 2N
Address 2N+1
Address 2N+2
Address 2N+3
Data Format
Figure 2.10 Memory Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com