Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 104Page - Renesas Technology Corp H8S2282F Datasheet HTML 105Page - Renesas Technology Corp H8S2282F Datasheet HTML 106Page - Renesas Technology Corp H8S2282F Datasheet HTML 107Page - Renesas Technology Corp H8S2282F Datasheet HTML 108Page - Renesas Technology Corp H8S2282F Datasheet HTML 109Page - Renesas Technology Corp H8S2282F Datasheet HTML 110Page - Renesas Technology Corp H8S2282F Datasheet HTML 111Page - Renesas Technology Corp H8S2282F Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 615 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Sep 26, 2006 page 76 of 580
REJ09B0148-0300
5.3.1
Interrupt Priority Registers A to G, J, K, M (IPRA to IPRG, IPRJ, IPRK, IPRM)
The IPR registers set priorities (levels 7 to 0) for interrupts other than NMI. There are ten IPR
registers. The correspondence between interrupt sources and IPR settings is shown in table 5.2.
Setting a value in the range from H'0 to H'7 in the 3-bit groups of bits 0 to 2 and 4 to 6 sets the
priority of the corresponding interrupt.
Bit
Bit Name
Initial
Value
R/W
Description
7—
0
—
Reserved
These bits are always read as 0.
6
5
4
IPR6
IPR5
IPR4
1
1
1
R/W
R/W
R/W
Sets the priority of the corresponding interrupt source.
000: Priority level 0 (Lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (Highest)
3—
0
—
Reserved
This bit is always read as 0.
2
1
0
IPR2
IPR1
IPR0
1
1
1
R/W
R/W
R/W
Sets the priority of the corresponding interrupt source.
000: Priority level 0 (Lowest)
001: Priority level 1
010: Priority level 2
011: Priority level 3
100: Priority level 4
101: Priority level 5
110: Priority level 6
111: Priority level 7 (Highest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com