Electronic Components Datasheet Search
  English  ▼

X  

R8C20 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 65Page - Renesas Technology Corp R8C20 Datasheet HTML 66Page - Renesas Technology Corp R8C20 Datasheet HTML 67Page - Renesas Technology Corp R8C20 Datasheet HTML 68Page - Renesas Technology Corp R8C20 Datasheet HTML 69Page - Renesas Technology Corp R8C20 Datasheet HTML 70Page - Renesas Technology Corp R8C20 Datasheet HTML 71Page - Renesas Technology Corp R8C20 Datasheet HTML 72Page - Renesas Technology Corp R8C20 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 501 page
background image
R8C/20 Group, R8C/21 Group
7. Programmable I/O Ports
Rev.2.00 Aug 27, 2008
Page 53 of 458
REJ09B0250-0200
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU04 bit in the PUR0 register to 1.
Table 7.18
Port P1_6/CLK0
Register
PD1
U0MR
Function
Bit
PD1_6
SMD2
SMD1
SMD0
CKDIR
Setting
value
0
Other than 001b
X
Input port(1)
XXX
1
1
Other than 001b
X
Output port
0
X
X
X
1
CLK0 (external clock) input
X
0
0
1
0
CLK0 (internal clock) output
Table 7.19
Port P1_7/TRAIO/INT1
Register
PD1
TRAIOC
TRAMR
INTEN
Function
Bit
PD1_7
TIOSEL
TOPCR
TMOD2
TMOD1
TMOD0
INT1EN
Setting
value
0
0X
X
X
X
X
Input port(1)
X1
X
X
X
X
X
Other than 001b
1
1X
X
X
X
X
Output port
X1
X
X
X
X
X
Other than 001b
0
0
X
Other than 001b
X
TRAIO input
0
0
X
Other than 001b
1
TRAIO/INT1 input
X
0
0
0
0
1
X
TRAIO pulse output
Table 7.20
Port P2_0/TRDIOA0/TRDCLK
Register
PD2
TRDOER1
TRDFCR
TRDIORA0
Function
Bit
PD2_0
EA0
CMD1
CMD0
STCLK
PWM3
IOA2
IOA1
IOA0
Setting
value
0
1
X
XXX
X
X
X
Input port(1)
1
1
X
X
X
X
X
X
X
Output port
0
X
0
0
0
1
1
X
X
Timer mode (input capture function)
0
X
X
X
1
1000
External clock input (TRDCLK)
X
0
0
0
0
0
X
X
X
PWM3 mode waveform output
X0
0
0
0
1
001
Timer mode waveform output
(output compare function)
01
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com