Electronic Components Datasheet Search
  English  ▼

X  

R8C20 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 25Page - Renesas Technology Corp R8C20 Datasheet HTML 26Page - Renesas Technology Corp R8C20 Datasheet HTML 27Page - Renesas Technology Corp R8C20 Datasheet HTML 28Page - Renesas Technology Corp R8C20 Datasheet HTML 29Page - Renesas Technology Corp R8C20 Datasheet HTML 30Page - Renesas Technology Corp R8C20 Datasheet HTML 31Page - Renesas Technology Corp R8C20 Datasheet HTML 32Page - Renesas Technology Corp R8C20 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 501 page
background image
R8C/20 Group, R8C/21 Group
3. Memory
Rev.2.00 Aug 27, 2008
Page 13 of 458
REJ09B0250-0200
3.
Memory
3.1
R8C/20 Group
Figure 3.1 shows a Memory Map of R8C/20 Group. The R8C/20 Group has 1 Mbyte of address space from
address 00000h to FFFFFh.
The internal ROM is allocated lower addresses, beginning with address 0FFFFh. For example, a 48-Kbyte internal
ROM is allocated addresses 04000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting address of each
interrupt routine.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 2.5-Kbyte
internal RAM is allocated addresses 00400h to 00DFFh. The internal RAM is used not only for storing data but
also for calling subroutines and as stacks when interrupt requests are acknowledged.
Special function registers (SFR) are allocated addresses 00000h to 002FFh. The peripheral function control
registers are allocated here. All addresses within the SFR, which have nothing allocated are reserved for future
user and cannot be accessed by users.
Figure 3.1
Memory Map of R8C/20 Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer•oscillation stop detection•voltage detection
Address break
(Reserved)
Reset
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
0FFFFh
0FFDCh
NOTES:
1. The blank regions are reserved. Do not access locations in these regions.
2. Do not use addresses 20000h to 23FFFh because these areas are used for the emulator debugger. Refer to 23. Notes on
Emulator Debugger.
Reserved area
01300h
02000h
Internal ROM(2)
(program ROM)
Part Number
Internal ROM
Size
Address 0YYYYh Address ZZZZZh
R5F21206JFP, R5F21206KFP
R5F21207JFP, R5F21207KFP
R5F21208JFP, R5F21208KFP
R5F2120AJFP, R5F2120AKFP
R5F2120CJFP, R5F2120CKFP
32 Kbytes
48 Kbytes
64 Kbytes
96 Kbytes
128 Kbytes
08000h
04000h
04000h
04000h
04000h
-
-
13FFFh
1BFFFh
23FFFh
Internal RAM
Address 0XXXXh
00BFFh
00DFFh
00FFFh
00FFFh
00FFFh
2 Kbytes
2.5 Kbytes
3 Kbytes
5 Kbytes
6 Kbytes
Size
ZZZZZh
Internal RAM
03000h
0SSSSh
Address 0SSSSh
-
-
-
037FFh
03BFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com