Electronic Components Datasheet Search
  English  ▼

X  

R8C20 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 85Page - Renesas Technology Corp R8C20 Datasheet HTML 86Page - Renesas Technology Corp R8C20 Datasheet HTML 87Page - Renesas Technology Corp R8C20 Datasheet HTML 88Page - Renesas Technology Corp R8C20 Datasheet HTML 89Page - Renesas Technology Corp R8C20 Datasheet HTML 90Page - Renesas Technology Corp R8C20 Datasheet HTML 91Page - Renesas Technology Corp R8C20 Datasheet HTML 92Page - Renesas Technology Corp R8C20 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 501 page
background image
R8C/20 Group, R8C/21 Group
10. Clock Generation Circuit
Rev.2.00 Aug 27, 2008
Page 73 of 458
REJ09B0250-0200
10.3
CPU Clock and Peripheral Function Clock
There are two type clocks: a CPU clock to operate the CPU and a peripheral function clock to operate the
peripheral functions. Refer to Figure 10.1 Clock Generation Circuit.
10.3.1
System Clock
The system clock is a clock source for the CPU and peripheral function clocks. The XIN clock or on-chip
oscillator clock can be selected.
10.3.2
CPU Clock
The CPU clock is an operating clock for the CPU and watchdog timer.
The system clock can be the divide-by-1 (no division), 2, 4, 8 or 16 to produce the CPU clock. Use the CM06
bit in the CM0 register and the CM16 to CM17 bits in the CM1 register to select the value of the division.
After reset, the low-speed on-chip oscillator clock divided-by-8 provides the CPU clock.
When entering stop mode, the CM06 bit is set to 1 (divide-by-8 mode).
10.3.3
Peripheral Function Clock (f1, f2, f4, f8 and f32)
The peripheral function clock is operating clock for the peripheral functions.
The clock fi (i = 1, 2, 4, 8, 32) is generated by the system clock divided-by-i. The clock fi is used for timers
RA, RB, RD, RE, serial interface and A/D converter.
When the WAIT instruction is executed after setting the CM02 bit in the CM0 register to 1 (peripheral function
clock stops in wait mode), the clock fi stop.
10.3.4
fOCO
fOCO is operating clocks for the peripheral functions.
The fOCO run at the same frequency as the on-chip oscillator clock and can be used as the source for the timer
RA.
When the WAIT instruction is executed, the clocks fOCO does not stop.
10.3.5
fOCO40M
fOCO40M is used as the count source for the timer RD. The fOCO40M is generated by the high-speed on-chip
oscillator and provided by setting the FRA00 bit to 1.
When the WAIT instruction is executed, the clock fOCO40M does not stop.
fOCO40M can be used with supply voltage VCC = 3.0 to 5.5V.
10.3.6
fOCO-F
fOCO-F is used as the count source for the AD converter. The fOCO-F is generated by the high-speed on-chip
oscillator and provided by setting the FRA00 bit to 1.
When the WAIT instruction is executed, the clock fOCO-F does not stop.
10.3.7
fOCO-S
fOCO-S is an operating clock for the watchdog timer and voltage detection circuit. When setting the CM14 bit
to 0 (low-speed on-chip oscillator on) using the clock generated by the low-speed on-chip oscillator, the fOCO-
S can be provided. When the WAIT instruction is executed or in count source protect mode of the watchdog
timer, the clock fOCO-S does not stop.
10.3.8
fOCO128
fOCO128 is generated by fOCO divided-by-128. The clock fOCO128 is used for capture signal of timer RD
(channel 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com