Electronic Components Datasheet Search
  English  ▼

X  

R8C20 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 19Page - Renesas Technology Corp R8C20 Datasheet HTML 20Page - Renesas Technology Corp R8C20 Datasheet HTML 21Page - Renesas Technology Corp R8C20 Datasheet HTML 22Page - Renesas Technology Corp R8C20 Datasheet HTML 23Page - Renesas Technology Corp R8C20 Datasheet HTML 24Page - Renesas Technology Corp R8C20 Datasheet HTML 25Page - Renesas Technology Corp R8C20 Datasheet HTML 26Page - Renesas Technology Corp R8C20 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 501 page
background image
R8C/20 Group, R8C/21 Group
1. Overview
Rev.2.00 Aug 27, 2008
Page 7 of 458
REJ09B0250-0200
1.5
Pin Assignments
Figure 1.4 shows Pin Assignments (Top View).
Figure 1.4
Pin Assignments (Top View)
48
P3_7/SSO
47
P0_0/AN7
46
P0_1/AN6
45
P0_2/AN5
44
P0_3/AN4
43
P6_1
42
P6_2
41
P6_0/TREO
40
P4_2/VREF
39
P0_4/AN3
38
P0_5/AN2
37
P0_6/AN1
13
14
15
16
17
18
19
20
21
22
23
24
P2_6/TRDIOC1
P2_5/TRDIOB1
P2_4/TRDIOA1
P2_3/TRDIOD0
P2_2/TRDIOC0
P2_1/TRDIOB0
P2_0/TRDIOA0/TRDCLK
P1_7/TRAIO/INT1
P1_6/CLK0
P1_5/RXD0/(TRAIO)/(INT1)(2)
P1_4/TXD0
P1_3/KI3/AN11
Pin assignments (top view)
Package: PLQP0048KB-A
0.5 mm pin pitch, 7 mm square body
R8C/20 Group,
R8C/21 Group
NOTES:
1. P4_7 is an input-only port.
2. Can be assigned to the pin in parentheses by a program.
3. Confirm the pin 1 position on the package by referring to the package dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com