Electronic Components Datasheet Search
  English  ▼

X  

R8C20 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 81Page - Renesas Technology Corp R8C20 Datasheet HTML 82Page - Renesas Technology Corp R8C20 Datasheet HTML 83Page - Renesas Technology Corp R8C20 Datasheet HTML 84Page - Renesas Technology Corp R8C20 Datasheet HTML 85Page - Renesas Technology Corp R8C20 Datasheet HTML 86Page - Renesas Technology Corp R8C20 Datasheet HTML 87Page - Renesas Technology Corp R8C20 Datasheet HTML 88Page - Renesas Technology Corp R8C20 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 501 page
background image
R8C/20 Group, R8C/21 Group
10. Clock Generation Circuit
Rev.2.00 Aug 27, 2008
Page 69 of 458
REJ09B0250-0200
Figure 10.5
Registers FRA0 and FRA1
High-Speed On-Chip Oscillator Control Register 0
(1)
Symbol
Address
After Reset
FRA0
0023h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
b7 b6 b5 b4 b3 b2 b1 b0
000000
FRA00
RW
FRA01
RW
High-speed on-chip oscillator enable
bit
0 : High-speed on-chip oscillator off
1 : High-speed on-chip oscillator on
High-speed on-chip oscillator select
bit(2)
0 : Selects low -speed on-chip oscillator(3)
1 : Selects high-speed on-chip oscillator
Change the FRA01 bit under the follow ing conditions.
• FRA00 = 1 (high-speed on-chip oscillation)
• The CM14 bit in the CM1 register = 0 (low -speed on-chip oscillator on)
• Bits FRA22 to FRA20 in the FRA2 register
All divide ratio mode settings are supported w hen VCC = 3.0 V to 5.5 V (J version)
000b to 111b
Divide ratio of 4 or more w hen VCC = 2.7 V to 5.5 V and K version
010b to 111b
When setting the FRA01 bit to 0 (selects low -speed on-chip oscillator), do not set the FRA00 bit to 0 (40MHz on-chip
oscillator off) at the same time.
Set the FRA00 bit to 0 after setting the FRA01 bit to 0.
—
(b7-b2)
Reserved bits
Set to 0
RW
Set the PRC0 bit in the PRCR register to 1 (enables w riting) before rew riting to the FRA0 register.
High-Speed On-Chip Oscillator Control Register 1
(1)
Symbol
Address
After Reset
FRA1
0024h
When Shipping
RW
NOTES:
1.
2.
b7
b0
When changing the values of the FRA1 register, adjust the FRA1 register so that the frequency of the high-speed
on-chip oscillator clock w ill be 40 MHz or less.
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting to the FRA1 register.
When adjusting the FRA1 register, set the value of the FRA1 register to 40 MHz and below .
RW
Function
The frequency of high-speed on-chip oscillator is adjusted w ith bits 0 to 7.
High-speed on-chip oscillator frequency = 40 MHz (FRA1 register = value w hen shipping)
Set the value of the FRA1 register to smaller, the frequency w ill be higher
Set the value of the FRA1 register to larger, the frequency w ill be low er(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com