Electronic Components Datasheet Search
  English  ▼

X  

R8C20 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C20
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C20 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C20 Datasheet HTML 10Page - Renesas Technology Corp R8C20 Datasheet HTML 11Page - Renesas Technology Corp R8C20 Datasheet HTML 12Page - Renesas Technology Corp R8C20 Datasheet HTML 13Page - Renesas Technology Corp R8C20 Datasheet HTML 14Page - Renesas Technology Corp R8C20 Datasheet HTML 15Page - Renesas Technology Corp R8C20 Datasheet HTML 16Page - Renesas Technology Corp R8C20 Datasheet HTML 17Page - Renesas Technology Corp R8C20 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 501 page
background image
B - 1
SFR Page Reference
NOTE:
1.
Blank columns are all reserved space. No access is allowed.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
62
0005h
Processor Mode Register 1
PM1
62
0006h
System Clock Control Register 0
CM0
66
0007h
System Clock Control Register 1
CM1
67
0008h
0009h
000Ah
Protect Register
PRCR
86
000Bh
000Ch
Oscillation Stop Detection Register
OCD
68
000Dh
Watchdog Timer Reset Register
WDTR
115
000Eh
Watchdog Timer Start Register
WDTS
115
000Fh
Watchdog Timer Control Register
WDC
114
0010h
Address Match Interrupt Register 0
RMAD0
107
0011h
0012h
0013h
Address Match Interrupt Enable Register
AIER
107
0014h
Address Match Interrupt Register 1
RMAD1
107
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protect Mode Register
CSPR
115
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control Register 0
FRA0
69
0024h
High-Speed On-Chip Oscillator Control Register 1
FRA1
69
0025h
High-Speed On-Chip Oscillator Control Register 2
FRA2
70
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
Voltage Detection Register 1
VCA1
31
0032h
Voltage Detection Register 2
VCA2
31, 70
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
32
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
33
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
Timer RD0 Interrupt Control Register
TRD0IC
93
0049h
Timer RD1 Interrupt Control Register
TRD1IC
93
004Ah
Timer RE Interrupt Control Register
TREIC
92
004Bh
004Ch
004Dh
Key Input Interrupt Control Register
KUPIC
92
004Eh
A/D Conversion Interrupt Control Register
ADIC
92
004Fh
SSU Interrupt Control Register/IIC Bus
Interrupt Control Register
SSUIC/IICIC
93
0050h
0051h
UART0 Transmit Interrupt Control Register
S0TIC
92
0052h
UART0 Receive Interrupt Control Register
S0RIC
92
0053h
UART1 Transmit Interrupt Control Register
S1TIC
92
0054h
UART1 Receive Interrupt Control Register
S1RIC
92
0055h
INT2 Interrupt Control Register
INT2IC
94
0056h
Timer RA Interrupt Control Register
TRAIC
92
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
92
0059h
INT1 Interrupt Control Register
INT1IC
94
005Ah
INT3 Interrupt Control Register
INT3IC
94
005Bh
005Ch
005Dh
INT0 Interrupt Control Register
INT0IC
94
005Eh
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com