Electronic Components Datasheet Search
  English  ▼

X  

R8C27 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C27 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C27 Datasheet HTML 42Page - Renesas Technology Corp R8C27 Datasheet HTML 43Page - Renesas Technology Corp R8C27 Datasheet HTML 44Page - Renesas Technology Corp R8C27 Datasheet HTML 45Page - Renesas Technology Corp R8C27 Datasheet HTML 46Page - Renesas Technology Corp R8C27 Datasheet HTML 47Page - Renesas Technology Corp R8C27 Datasheet HTML 48Page - Renesas Technology Corp R8C27 Datasheet HTML 49Page - Renesas Technology Corp R8C27 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 485 page
background image
R8C/26 Group, R8C/27 Group
5. Resets
Rev.2.10
Sep 26, 2008
Page 29 of 453
REJ09B0278-0210
Figure 5.6
Example of Hardware Reset Circuit and Operation
Figure 5.7
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage
Detection Circuit) and Operation
RESET
VCC
VCC
RESET
2.2 V
(2.7 V for
J, K version)
0 V
0.2 VCC or below
td(P-R) + 10
µs or more
0 V
NOTE:
1. Refer to 20. Electrical Characteristics.
RESET
VCC
VCC
RESET
0 V
td(P-R) + 10
µs or more
0 V
5 V
5 V
Example when
VCC = 5 V
Supply voltage
detection circuit
NOTE:
1. Refer to 20. Electrical Characteristics.
2.2 V
(2.7 V for
J, K version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com