Electronic Components Datasheet Search
  English  ▼

X  

R8C27 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C27 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C27 Datasheet HTML 28Page - Renesas Technology Corp R8C27 Datasheet HTML 29Page - Renesas Technology Corp R8C27 Datasheet HTML 30Page - Renesas Technology Corp R8C27 Datasheet HTML 31Page - Renesas Technology Corp R8C27 Datasheet HTML 32Page - Renesas Technology Corp R8C27 Datasheet HTML 33Page - Renesas Technology Corp R8C27 Datasheet HTML 34Page - Renesas Technology Corp R8C27 Datasheet HTML 35Page - Renesas Technology Corp R8C27 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 485 page
background image
R8C/26 Group, R8C/27 Group
3. Memory
Rev.2.10
Sep 26, 2008
Page 15 of 453
REJ09B0278-0210
3.
Memory
3.1
R8C/26 Group
Figure 3.1 is a Memory Map of R8C/26 Group. The R8C/26 group has 1 Mbyte of address space from addresses
00000h to FFFFFh.
The internal ROM is allocated lower addresses, beginning with address 0FFFFh. For example, a 16-Kbyte internal
ROM area is allocated addresses 0C000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting address of each
interrupt routine.
The internal RAM is allocated higher addresses beginning with address 00400h. For example, a 1-Kbyte internal
RAM area is allocated addresses 00400h to 007FFh. The internal RAM is used not only for storing data but also for
calling subroutines and as stacks when interrupt requests are acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. The peripheral function control
registers are allocated here. All addresses within the SFR, which have nothing allocated are reserved for future use
and cannot be accessed by users.
Figure 3.1
Memory Map of R8C/26 Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer/oscillation stop detection/voltage monitor
(Reserved)
(Reserved)
Reset
00400h
002FFh
00000h
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
0FFFFh
0FFDCh
NOTE:
1. The blank regions are reserved. Do not access locations in these regions.
FFFFFh
0FFFFh
0YYYYh
Internal ROM
(program ROM)
0XXXh
Part Number
Internal ROM
Internal RAM
Size
Size
R5F21262SNFP, R5F21262SDFP,
R5F21262SNXXXFP, R5F21262SDXXXFP
R5F21264SNFP, R5F21264SDFP,
R5F21264JFP, R5F21264KFP,
R5F21264SNXXXFP, R5F21264SDXXXFP,
R5F21264JXXXFP, R5F21264KXXXFP
R5F21265SNFP, R5F21265SDFP
R5F21265SNXXXFP, R5F21265SDXXXFP
R5F21266SNFP, R5F21266SDFP,
R5F21266JFP, R5F21266KFP,
R5F21266SNXXXFP, R5F21266SDXXXFP,
R5F21266JXXXFP, R5F21266KXXXFP
8 Kbytes
16 Kbytes
24 Kbytes
32 Kbytes
0E000h
0C000h
0A000h
08000h
512 bytes
1 Kbyte
1.5 Kbytes
1.5 Kbytes
005FFh
007FFh
009FFh
009FFh
Address 0YYYYh
Address 0XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com