Electronic Components Datasheet Search
  English  ▼

X  

R8C27 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R8C27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C27 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R8C27 Datasheet HTML 15Page - Renesas Technology Corp R8C27 Datasheet HTML 16Page - Renesas Technology Corp R8C27 Datasheet HTML 17Page - Renesas Technology Corp R8C27 Datasheet HTML 18Page - Renesas Technology Corp R8C27 Datasheet HTML 19Page - Renesas Technology Corp R8C27 Datasheet HTML 20Page - Renesas Technology Corp R8C27 Datasheet HTML 21Page - Renesas Technology Corp R8C27 Datasheet HTML 22Page - Renesas Technology Corp R8C27 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 485 page
background image
R8C/26 Group, R8C/27 Group
1. Overview
Rev.2.10
Sep 26, 2008
Page 2 of 453
REJ09B0278-0210
1.2
Performance Overview
Table 1.1 outlines the Functions and Specifications for R8C/26 Group and Table 1.2 outlines the Functions and
Specifications for R8C/27 Group.
NOTES:
1. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
2. Specify the D, K version if D, K version functions are to be used.
Table 1.1
Functions and Specifications for R8C/26 Group
Item
Specification
CPU
Number of
fundamental
instructions
89 instructions
Minimum instruction
execution time
50 ns (f(XIN) = 20 MHz, VCC = 3.0 to 5.5 V) (other than K version)
62.5 ns (f(XIN) = 16 MHz, VCC = 3.0 to 5.5 V) (K version)
100 ns (f(XIN) = 10 MHz, VCC = 2.7 to 5.5 V)
200 ns (f(XIN) = 5 MHz, VCC = 2.2 to 5.5 V) (N, D version)
Operating mode
Single-chip
Address space
1 Mbyte
Memory capacity
Refer to Table 1.3 Product Information for R8C/26 Group
Peripheral
Functions
Ports
I/O ports: 25 pins, Input port: 3 pins
LED drive ports
I/O ports: 8 pins (N, D version)
Timers
Timer RA: 8 bits × 1 channel
Timer RB: 8 bits × 1 channel
(Each timer equipped with 8-bit prescaler)
Timer RC: 16 bits × 1 channel
(Input capture and output compare circuits)
Timer RE: With real-time clock and compare match function
(For J, K version, compare match function only.)
Serial interfaces
2 channels (UART0, UART1)
Clock synchronous serial I/O, UART
Clock synchronous
serial interface
1 channel
I2C bus Interface(1)
Clock synchronous serial I/O with chip select
LIN module
Hardware LIN: 1 channel (timer RA, UART0)
A/D converter
10-bit A/D converter: 1 circuit, 12 channels
Watchdog timer
15 bits × 1 channel (with prescaler)
Start-on-reset selectable
Interrupts
Internal: 15 sources, External: 4 sources,
Software: 4 sources, Priority levels: 7 levels
Clock generation
circuits
3 circuits
• XIN clock generation circuit (with on-chip feedback resistor)
• On-chip oscillator (high speed, low speed)
High-speed on-chip oscillator has a frequency adjustment function
• XCIN clock generation circuit (32 kHz) (N, D version)
• Real-time clock (timer RE) (N, D version)
Oscillation-stopped
detector
XIN clock oscillation stop detection function
Voltage detection
circuit
On-chip
Power-on reset circuit
On-chip
Electrical
Characteristics
Supply voltage
VCC = 3.0 to 5.5 V (f(XIN) = 20 MHz) (other than K version)
VCC = 3.0 to 5.5 V (f(XIN) = 16 MHz) (K version)
VCC = 2.7 to 5.5 V (f(XIN) = 10 MHz)
VCC = 2.2 to 5.5 V (f(XIN) = 5 MHz) (N, D version)
Current consumption
(N, D version)
Typ. 10 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 6 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 2.0
µA (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz)
Typ. 0.7
µA (VCC = 3.0 V, stop mode)
Flash Memory
Programming and
erasure voltage
VCC = 2.7 to 5.5 V
Programming and
erasure endurance
100 times
Operating Ambient Temperature
-20 to 85
°C (N version)
-40 to 85
°C (D, J version)(2), -40 to 125°C (K version)(2)
Package
32-pin molded-plastic LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com