| Electronic Components Datasheet Search |
|
R8C27 Datasheet(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C27 Datasheet(HTML) 83 Page - Renesas Technology Corp |
|
83 / 485 page ![]() R8C/26 Group, R8C/27 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 66 of 453 REJ09B0278-0210 X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU01 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. Table 7.8 Port P0_4/AN3/TREO Register PD0 TRECR1 ADCON0 Function Bit PD0_4 TOENA CH2 CH1 CH0 ADGSEL0 Setting value 0 0 XX XX Input port(1) 1 0 X X X X Output port 00 0110 A/D converter input (AN3) X 1 XX XX TREO output Table 7.9 Port P0_5/AN2/CLK1 Register PD0 U1MR ADCON0 Function Bit PD0_5 SMD2 SMD1 SMD0 CKDIR CH2 CH1 CH0 ADGSEL0 Setting value 0 Other than 001b X X X X X Input port(1) X X X 1 XXX X 1 Other than 001b X X X X X Output port 0 Other than 001b X 0 1 0 0 A/D converter input (AN2) X 0 0 1 0 X X X X CLK1 output 0 X X X 1 XXX X CLK1 input(1) Table 7.10 Port P0_6/AN1 Register PD0 ADCON0 Function Bit PD0_6 CH2 CH1 CH0 ADGSEL0 Setting value 0 XXX X Input port(1) 1 X X X X Output port 0 0 0 1 0 A/D converter input (AN1) Table 7.11 Port P0_7/AN0 Register PD0 ADCON0 Function Bit PD0_7 CH2 CH1 CH0 ADGSEL0 Setting value 0 XXX X Input port(1) 1 X X X X Output port 0 0 0 0 0 A/D converter input (AN0) Table 7.12 Port P1_0/KI0/AN8 Register PD1 KIEN ADCON0 Function Bit PD1_0 KI0EN CH2 CH1 CH0 ADGSEL0 Setting value 00 X X X X Input port(1) 1 0 X X X X Output port 01 X X X X KI0 input(1) 0 0 1 0 0 1 A/D converter input (AN8) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |