Electronic Components Datasheet Search
  English  ▼

X  

R8C27 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R8C27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C27 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R8C27 Datasheet HTML 65Page - Renesas Technology Corp R8C27 Datasheet HTML 66Page - Renesas Technology Corp R8C27 Datasheet HTML 67Page - Renesas Technology Corp R8C27 Datasheet HTML 68Page - Renesas Technology Corp R8C27 Datasheet HTML 69Page - Renesas Technology Corp R8C27 Datasheet HTML 70Page - Renesas Technology Corp R8C27 Datasheet HTML 71Page - Renesas Technology Corp R8C27 Datasheet HTML 72Page - Renesas Technology Corp R8C27 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 485 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 52 of 453
REJ09B0278-0210
7.
Programmable I/O Ports
There are 25 programmable Input/Output ports (I/O ports) P0, P1, P3_1, P3_3 to P3_7, P4_5, P5_3, and P5_4. Also,
P4_6 and P4_7 can be used as input-only ports if the XIN clock oscillation circuit and XCIN clock oscillation circuit(1)
is not used, and the P4_2 can be used as an input-only port if the A/D converter is not used.
Table 7.1 lists an Overview of Programmable I/O Ports.
NOTE:
1. The XCIN clock oscillation circuit cannot be used for J, K version.
NOTES:
1. In input mode, whether an internal pull-up resistor is connected or not can be selected by registers
PUR0 and PUR1.
2. When the A/D converter is not used, this port can be used as the input-only port.
3. When the XIN clock oscillation circuit and XCIN clock oscillation circuit (for N, D version only) is not
used, these ports can be used as the input-only ports.
7.1
Functions of Programmable I/O Ports
The PDi_j (j = 0 to 7) bit in the PDi (i = 0, 1, 3 to 5) register controls I/O of the ports P0, P1, P3_1, P3_3 to P3_7,
P4_5, P5_3, and P5_4. The Pi register consists of a port latch to hold output data and a circuit to read pin states.
Figures 7.1 to 7.6 show the Configurations of Programmable I/O Ports. Table 7.2 lists the Functions of
Programmable I/O Ports. Also, Figure 7.8 shows the PDi (i = 0, 1, and 3 to 5) Register. Figure 7.9 shows the Pi (i =
0, 1, and 3 to 5) Register, Figure 7.10 shows Registers PINSR1, PINSR2, and PINSR3, Figure 7.11 shows the PMR
Register, Figure 7.12 shows Registers PUR0 and PUR1, and Figure 7.13 shows the P1DRR Register.
i = 0, 1, 3 to 5, j = 0 to 7
NOTE:
1. Nothing is assigned to bits PD3_0, PD3_2, PD4_0 to PD4_4, PD4_6, and PD4_7.
Table 7.1
Overview of Programmable I/O Ports
Ports
I/O
Type of Output
I/O Setting
Internal Pull-Up Resister
P0, P1
I/O
CMOS3 State
Set per bit
Set every 4 bits(1)
P3_1, P3_3 to P3_7
I/O
CMOS3 State
Set per bit
Set every 2 bits, 4 bits(1)
P4_5
I/O
CMOS3 State
Set per bit
Set every bit(1)
P5_3, P5_4
I/O
CMOS3 State
Set per bit
Set every bit(1)
P4_2(2)
P4_6, P4_7(3)
I
(No output function)
None
None
Table 7.2
Functions of Programmable I/O Ports
Operation When
Accessing
Pi Register
Value of PDi_j Bit in PDi Register(1)
When PDi_j Bit is Set to 0 (Input Mode)
When PDi_j Bit is Set to 1 (Output Mode)
Reading
Read pin input level
Read the port latch
Writing
Write to the port latch
Write to the port latch. The value written to
the port latch is output from the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com