Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 335Page - Renesas Technology Corp SH7016 Datasheet HTML 336Page - Renesas Technology Corp SH7016 Datasheet HTML 337Page - Renesas Technology Corp SH7016 Datasheet HTML 338Page - Renesas Technology Corp SH7016 Datasheet HTML 339Page - Renesas Technology Corp SH7016 Datasheet HTML 340Page - Renesas Technology Corp SH7016 Datasheet HTML 341Page - Renesas Technology Corp SH7016 Datasheet HTML 342Page - Renesas Technology Corp SH7016 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 305 of 716
REJ09B0398-0500
Section 12 Serial Communication Interface (SCI)
12.1
Overview
This LSI has a serial communication interface (SCI) with two independent channels, both of
which possess the same functions.
The SCI supports both asynchronous and clock synchronous serial communication. It also has a
multiprocessor communication function for serial communication among two or more processors.
12.1.1
Features
The SCI has the following features:
• Select asynchronous or clock synchronous as the serial communications mode.
⎯ Asynchronous mode: Serial data communications are synched by start-stop in character
units. The SCI can communicate with a universal asynchronous receiver/transmitter
(UART), an asynchronous communication interface adapter (ACIA), or any other chip that
employs a standard asynchronous serial communication. It can also communicate with two
or more other processors using the multiprocessor communication function. There are
twelve selectable serial data communication formats.
• Data length: seven or eight bits
• Stop bit length: one or two bits
• Parity: even, odd, or none
• Multiprocessor bit: one or none
• Receive error detection: parity, overrun, and framing errors
• Break detection: by reading the RxD level directly when a framing error occurs
⎯ Clocked synchronous mode: Serial data communication is synchronized with a clock
signal. The SCI can communicate with other chips having a clock synchronous
communication function. There is one serial data communication format.
• Data length: eight bits
• Receive error detection: overrun errors
• Full duplex communication: The transmitting and receiving sections are independent, so the
SCI can transmit and receive simultaneously. Both sections use double buffering, so
continuous data transfer is possible in both the transmit and receive directions.
• On-chip baud rate generator with selectable bit rates.
• Internal or external transmit/receive clock source: baud rate generator (internal) or SCK pin
(external).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com