Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 337Page - Renesas Technology Corp SH7016 Datasheet HTML 338Page - Renesas Technology Corp SH7016 Datasheet HTML 339Page - Renesas Technology Corp SH7016 Datasheet HTML 340Page - Renesas Technology Corp SH7016 Datasheet HTML 341Page - Renesas Technology Corp SH7016 Datasheet HTML 342Page - Renesas Technology Corp SH7016 Datasheet HTML 343Page - Renesas Technology Corp SH7016 Datasheet HTML 344Page - Renesas Technology Corp SH7016 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 307 of 716
REJ09B0398-0500
12.1.3
Pin Configuration
Table 12.1 summarizes the SCI pins by channel.
Table 12.1
SCI Pins
Channel
Pin Name
Abbreviation Input/Output
Function
0
Serial clock pin
SCK0
Input/output
SCI0 clock input/output
Receive data pin
RxD0
Input
SCI0 receive data input
Transmit data pin
TxD0
Output
SCI0 transmit data output
1
Serial clock pin
SCK1
Input/output
SCI1 clock input/output
Receive data pin
RxD1
Input
SCI1 receive data input
Transmit data pin
TxD1
Output
SCI1 transmit data output
12.1.4
Register Configuration
Table 12.2 summarizes the SCI internal registers. These registers select the communication mode
(asynchronous or clock synchronous), specify the data format and bit rate, and control the
transmitter and receiver sections.
Table 12.2
Registers
Channel Name
Abbreviation R/W
Initial Value Address*
2
Access Size
0
Serial mode register
SMR0
R/W
H'00
H'FFFF81A0 8, 16
Bit rate register
BRR0
R/W
H'FF
H'FFFF81A1 8, 16
Serial control register SCR0
R/W
H'00
H'FFFF81A2 8, 16
Transmit data register TDR0
R/W
H'FF
H'FFFF81A3 8, 16
Serial status register
SSR0
R/(W)*
1
H'84
H'FFFF81A4 8, 16
Receive data register RDR0
R
H'00
H'FFFF81A5 8, 16
1
Serial mode register
SMR1
R/W
H'00
H'FFFF81B0 8, 16
Bit rate register
BRR1
R/W
H'FF
H'FFFF81B1 8, 16
Serial control register SCR1
R/W
H'00
H'FFFF81B2 8, 16
Transmit data register TDR1
R/W
H'FF
H'FFFF81B3 8, 16
Serial status register
SSR1
R/(W)*
1
H'84
H'FFFF81B4 8, 16
Receive data register RDR1
R
H'00
H'FFFF81B5 8, 16
Notes: 1. The only value that can be written is a 0 to clear the flags.
2. Do not access empty addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com