Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 103Page - Renesas Technology Corp SH7016 Datasheet HTML 104Page - Renesas Technology Corp SH7016 Datasheet HTML 105Page - Renesas Technology Corp SH7016 Datasheet HTML 106Page - Renesas Technology Corp SH7016 Datasheet HTML 107Page - Renesas Technology Corp SH7016 Datasheet HTML 108Page - Renesas Technology Corp SH7016 Datasheet HTML 109Page - Renesas Technology Corp SH7016 Datasheet HTML 110Page - Renesas Technology Corp SH7016 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 73 of 716
REJ09B0398-0500
Section 6 Interrupt Controller (INTC)
6.1
Overview
The interrupt controller (INTC) ascertains the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC has registers for setting the priority of each interrupt which can be
used by the user to order the priorities in which the interrupt requests are processed.
6.1.1
Features
The INTC has the following features:
• 16 levels of interrupt priority: By setting the eight interrupt-priority level registers, the
priorities of IRQ interrupts and on-chip peripheral module interrupts can be set in 16 levels for
different request sources.
• NMI noise canceler function: NMI input level bits indicate the NMI pin status. By reading
these bits with the interrupt exception service routine, the pin status can be confirmed, enabling
it to be used as a noise canceler.
6.1.2
Block Diagram
Figure 6.1 is a block diagram of the INTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com