Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 107Page - Renesas Technology Corp SH7016 Datasheet HTML 108Page - Renesas Technology Corp SH7016 Datasheet HTML 109Page - Renesas Technology Corp SH7016 Datasheet HTML 110Page - Renesas Technology Corp SH7016 Datasheet HTML 111Page - Renesas Technology Corp SH7016 Datasheet HTML 112Page - Renesas Technology Corp SH7016 Datasheet HTML 113Page - Renesas Technology Corp SH7016 Datasheet HTML 114Page - Renesas Technology Corp SH7016 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 77 of 716
REJ09B0398-0500
6.2.3
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are interrupts generated by the following on-chip peripheral
modules:
• Direct memory access controller (DMAC)
• Multifunction timer pulse unit (MTU)
• Compare match timer (CMT)
• Serial communication interface (SCI)
• A/D converter (A/D)
• Watchdog timer (WDT)
• Bus state controller (BSC)
A different interrupt vector is assigned to each interrupt source, so the exception service routine
does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can be
assigned to individual on-chip peripheral modules in interrupt priority registers C to H (IPRC to
IPRH).
On-chip peripheral module interrupt exception processing sets the interrupt mask level bits (I3 to
I0) in the status register (SR) to the priority level value of the on-chip peripheral module interrupt
that was accepted.
6.2.4
Interrupt Exception Vectors and Priority Rankings
Table 6.3 lists interrupt sources and their vector numbers, vector table address offsets and interrupt
priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from vector numbers and address offsets. In interrupt exception
processing, the exception service routine start address is fetched from the vector table indicated by
the vector table address. See table 5.4, Calculating Exception Processing Vector Table Addresses.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0 and
15 for each pin or module by setting interrupt priority registers A to H (IPRA to IPRH). The
ranking of interrupt sources for IPRC to IPRH, however, must be the order listed under Priority
Order Within IPR Setting Range in table 6.3 and cannot be changed. A power-on reset assigns
priority level 0 to IRQ interrupts and on-chip peripheral module interrupts. If the same priority
level is assigned to two or more interrupt sources and interrupts from those sources occur
simultaneously, their priority order is the default priority order indicated at the right in table 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com