Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 213Page - Renesas Technology Corp SH7016 Datasheet HTML 214Page - Renesas Technology Corp SH7016 Datasheet HTML 215Page - Renesas Technology Corp SH7016 Datasheet HTML 216Page - Renesas Technology Corp SH7016 Datasheet HTML 217Page - Renesas Technology Corp SH7016 Datasheet HTML 218Page - Renesas Technology Corp SH7016 Datasheet HTML 219Page - Renesas Technology Corp SH7016 Datasheet HTML 220Page - Renesas Technology Corp SH7016 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 183 of 716
REJ09B0398-0500
Burst Mode, Dual Address, and Edge Detection: In burst mode with dual address and edge
detection,
DREQ sampling is conducted only on the first cycle.
In figure 9.17, DMAC transfer begins, at the earliest, three cycles after the timing of the first
sampling. Thereafter, DMAC transfer continues until the end of the data transfer count set in the
DMATCR.
DREQ sampling is not conducted during this period. Therefore, DRAK is output on
the first cycle only.
When DMAC transfer is resumed after being halted by a NMI or address error, be sure to reinput
an edge request. The remaining transfer restarts after the first DRAK output.
The DACK output period in burst mode is the same as in cycle steal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com