Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 215Page - Renesas Technology Corp SH7016 Datasheet HTML 216Page - Renesas Technology Corp SH7016 Datasheet HTML 217Page - Renesas Technology Corp SH7016 Datasheet HTML 218Page - Renesas Technology Corp SH7016 Datasheet HTML 219Page - Renesas Technology Corp SH7016 Datasheet HTML 220Page - Renesas Technology Corp SH7016 Datasheet HTML 221Page - Renesas Technology Corp SH7016 Datasheet HTML 222Page - Renesas Technology Corp SH7016 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 185 of 716
REJ09B0398-0500
Burst Mode, Single Address, and Edge Detection: In burst mode with single address and edge
detection,
DREQ sampling is conducted only on the first cycle. In figure 9.18, a dummy cycle is
inserted, at the earliest, three cycles after the timing for the first sampling. During this period, data
is undefined, and DACK is not output. Nor is the number of DMAC transfers counted. The actual
DMAC transfer begins after one dummy bus cycle output. Thereafter, DMAC transfer continues
until the data transfer count set in the DMATCR has ended.
DREQ sampling is not conducted
during this period. Therefore, DRAK is output on the first cycle only.
When DMAC transfer is resumed after being halted by a NMI or address error, be sure to reinput
an edge request. DRAK is output once, and the remaining transfer restarts after output of one
dummy cycle.
The DACK output period in burst mode is the same as in cycle steal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com