Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 241Page - Renesas Technology Corp SH7016 Datasheet HTML 242Page - Renesas Technology Corp SH7016 Datasheet HTML 243Page - Renesas Technology Corp SH7016 Datasheet HTML 244Page - Renesas Technology Corp SH7016 Datasheet HTML 245Page - Renesas Technology Corp SH7016 Datasheet HTML 246Page - Renesas Technology Corp SH7016 Datasheet HTML 247Page - Renesas Technology Corp SH7016 Datasheet HTML 248Page - Renesas Technology Corp SH7016 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 211 of 716
REJ09B0398-0500
Channel 1 (TIOR1 Register)
Bits 7 to 4
⎯I/O Control B3 to B0 (IOB3 to IOB0): These bits set the TGR1B register function.
Bit 7
IOB3
Bit 6
IOB2
Bit 5
IOB1
Bit 4
IOB0
Description
0
0
0
0
Output disabled
(initial value)
1
Initial output is 0 Output 0 on compare-match
1
0
Output 1 on compare-match
1
TGR1B
is an output
compare
register
Toggle output on compare-match
1
0
0
Output disabled
1
Initial output is 1 Output 0 on compare-match
1
0
Output 1 on compare-match
1
Toggle output on compare-match
1
0
0
0
Input capture on rising edge
1
Input capture on falling edge
1
0
Capture input
source is the
TIOC1B pin
Input capture on both edges
1
TGR1B
is an input
capture
register
1
0
0
1
1
0
Input capture on channel
0/TGR0C compare-match/input
capture generation
1
Capture input
source TGR0C
compare/match
input capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com