Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 245Page - Renesas Technology Corp SH7016 Datasheet HTML 246Page - Renesas Technology Corp SH7016 Datasheet HTML 247Page - Renesas Technology Corp SH7016 Datasheet HTML 248Page - Renesas Technology Corp SH7016 Datasheet HTML 249Page - Renesas Technology Corp SH7016 Datasheet HTML 250Page - Renesas Technology Corp SH7016 Datasheet HTML 251Page - Renesas Technology Corp SH7016 Datasheet HTML 252Page - Renesas Technology Corp SH7016 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 215 of 716
REJ09B0398-0500
Channels 1, 2: TIER1, TIER2
Bit:
7
6
5
4
3
2
1
0
TTGE
⎯
TCIEU
TCIEV
⎯
⎯
TGIEB
TGIEA
Initial value:
0
1
0
0
0
0
0
0
R/W:
R/W
R
R/W
R/W
R
R
R/W
R/W
Bit 7
⎯A/D Conversion Start Request Enable (TTGE): Enables or disables generation of an
A/D conversion start request by a TGRA register input capture/compare-match.
Bit 7
TTGE
Description
0
Disable A/D conversion start requests
(initial value)
1
Enable A/D conversion start request generation
Bit 6
⎯Reserved: This bit always read as 1. The write value should always be 1.
Bit 5
⎯Underflow Interrupt Enable (TCIEU): Enables or disables interrupt requests when the
underflow flag (TCFU) of the channel 1, 2 timer status register (TSR) is set to 1.
This bit is reserved for channel 0. It always reads as 0. The write value should always be 0.
Bit 5
TCIEU
Description
0
Disable UDF interrupt requests (TCIU)
(initial value)
1
Enable UDF interrupt requests (TCIU)
Bit 4
⎯Overflow Interrupt Enable (TCIEV): Enables or disables interrupt requests when the
overflow flag TCFV of the timer status register (TSR) is set to 1.
Bit 4
TCIEV
Description
0
Disable TCFV interrupt requests (TCIV)
(initial value)
1
Enable TCFV interrupt requests (TCIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com