Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 250Page - Renesas Technology Corp SH7016 Datasheet HTML 251Page - Renesas Technology Corp SH7016 Datasheet HTML 252Page - Renesas Technology Corp SH7016 Datasheet HTML 253Page - Renesas Technology Corp SH7016 Datasheet HTML 254Page - Renesas Technology Corp SH7016 Datasheet HTML 255Page - Renesas Technology Corp SH7016 Datasheet HTML 256Page - Renesas Technology Corp SH7016 Datasheet HTML 257Page - Renesas Technology Corp SH7016 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 220 of 716
REJ09B0398-0500
Bit 0
⎯Input Capture/Output Compare Flag A (TGFA): This status flag indicates the
occurrence of a TGRA register input capture or compare-match.
Bit 0
TGFA
Description
0
Clear condition: With TGFA = 1, a 0 write to TGFA following a read
(Cleared by DMAC transfer due to TGFA)
(initial value)
1
Set conditions:
• When TGRA is functioning as an output compare register
(TCNT = TGRA)
• When TGRA is functioning as input capture (the TCNT value is sent
to TGRA by the input capture signal)
10.2.6
Timer Counters (TCNT)
The timer counters (TCNT) are 16-bit counters, with one for each channel, for a total of three.
The TCNT are initialized to H'0000 by a power-on reset and when in standby mode. Accessing the
TCNT counters in 8-bit units is prohibited. Always access in 16-bit units.
Channel Abbreviation
Function
0
TCNT0
Increment counter
1
TCNT1
Increment/decrement counter*
2
TCNT2
Increment/decrement counter*
Note:
*
Can only be used as an increment/decrement counter in phase counting mode, with
other channel overflow/underflow counting. It becomes an increment counter in all other
cases.
Bit:
15
14
13
12
11
10
9
8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com