Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 252Page - Renesas Technology Corp SH7016 Datasheet HTML 253Page - Renesas Technology Corp SH7016 Datasheet HTML 254Page - Renesas Technology Corp SH7016 Datasheet HTML 255Page - Renesas Technology Corp SH7016 Datasheet HTML 256Page - Renesas Technology Corp SH7016 Datasheet HTML 257Page - Renesas Technology Corp SH7016 Datasheet HTML 258Page - Renesas Technology Corp SH7016 Datasheet HTML 259Page - Renesas Technology Corp SH7016 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 222 of 716
REJ09B0398-0500
Bits 2 to 0
⎯Counter Start 4 to 0 (CST4 to CST0): Select the start and stop of the timer counters
(TCNT). The counter start to channel and bit to channel correspondence are indicated in the tables
below.
Counter Start
Channel
CST2
Channel 2 (TCNT2)
CST1
Channel 1 (TCNT1)
CST0
Channel 0 (TCNT0)
Bit n
CSTn
Description
0
TCNTn count is halted
(initial value)
1
TCNTn counts
Note:
n = 2 to 0.
If 0 is written to the CST bit during operation with the TIOC pin in output status, the counter
stops, but the TIOC pin output compare output level is maintained. If a write is done to the
TIOR register while the CST bit is a 0, the pin output level is updated to the established
initial output value.
Bits 7 to 3
⎯Reserved: These bits always read as 0. The write value should always be 0.
10.2.9
Timer Synchro Register (TSYR)
The timer synchro register (TSYR) is an 8-bit read/write register that selects independent or
synchronous TCNT counter operation for channels 0 to 2. Channels for which 1 is set in the
corresponding bit will be synchronized. TSYR is initialized to H'00 upon power-on reset or
standby mode.
Bit:
7
6
5
4
3
2
1
0
⎯
⎯
⎯
⎯
⎯
SYNC2
SYNC1
SYNC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com