Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 257Page - Renesas Technology Corp SH7016 Datasheet HTML 258Page - Renesas Technology Corp SH7016 Datasheet HTML 259Page - Renesas Technology Corp SH7016 Datasheet HTML 260Page - Renesas Technology Corp SH7016 Datasheet HTML 261Page - Renesas Technology Corp SH7016 Datasheet HTML 262Page - Renesas Technology Corp SH7016 Datasheet HTML 263Page - Renesas Technology Corp SH7016 Datasheet HTML 264Page - Renesas Technology Corp SH7016 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 227 of 716
REJ09B0398-0500
To select the counting operation (figure 10.6):
1. Set bits TPSC2 to TPSC0 in the TCR to select the counter clock. At the same time, set bits
CKEG1 and CKEG0 in the TCR to select the desired edge of the input clock.
2. To operate as a periodic counter, set the CCLR2 to CCLR0 bits in the TCR to select TGR as a
clearing source for the TCNT.
3. Set the TGR selected in step 2 as an output compare register using the timer I/O control
register (TIOR).
4. Write the desired cycle value in the TGR selected in step 2.
5. Set the CST bit in the TSTR to 1 to start counting.
Counting mode selection
Select counter clock
Periodic counter
Select counter
clear source
Select output
compare register
Set period
Start counting
Start counting
Free-running counter
Periodic counter
Free-running counter
5
5
4
3
2
1
Figure 10.6 Procedure for Selecting the Counting Operation
Free-Running Counter Operation Example: A reset of the MTU timer counters (TCNT) leaves
them all in the free-running mode. When a bit in the TSTR is set to 1, the corresponding timer
counter operates as a free-running counter and begins to increment. When the count overflows
from H'FFFF to H'0000, the TCFV bit in the timer status register (TSR) is set to 1. If the TCIEV
bit in the timer's corresponding timer interrupt enable register (TIER) is set to 1, the MTU will
make an interrupt request to the interrupt controller. After the TCNT overflows, counting
continues from H'0000. Figure 10.7 shows an example of free-running counter operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com