Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 258Page - Renesas Technology Corp SH7016 Datasheet HTML 259Page - Renesas Technology Corp SH7016 Datasheet HTML 260Page - Renesas Technology Corp SH7016 Datasheet HTML 261Page - Renesas Technology Corp SH7016 Datasheet HTML 262Page - Renesas Technology Corp SH7016 Datasheet HTML 263Page - Renesas Technology Corp SH7016 Datasheet HTML 264Page - Renesas Technology Corp SH7016 Datasheet HTML 265Page - Renesas Technology Corp SH7016 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 228 of 716
REJ09B0398-0500
CST bit
TCNT value
Time
H'FFFF
H'0000
TCFV
Figure 10.7 Free-Running Counter Operation
Periodic Counter Operation Example: Periodic counter operation is obtained for a given
channel's TCNT by selecting compare-match as a TCNT clear source. Set the TGR register for
period setting to output compare register and select counter clear upon compare-match using the
CCLR2 to CCLR0 bits of the timer control register (TCR). After these settings, the TCNT begins
incrementing as a periodic counter when the corresponding bit of TSTR is set to 1. When the
count matches the TGR register value, the TGF bit in the TSR is set to 1 and the counter is cleared
to H'0000. If the TGIE bit of the corresponding TIER is set to 1 at this point, the MTU will make
an interrupt request to the interrupt controller. After the compare-match, TCNT continues counting
from H'0000. Figure 10.8 shows an example of periodic counting.
CST bit
TCNT value
Time
Counter cleared by
TGR compare match
TGR
H'0000
TGF
Flag cleared by software
or DMAC activation
Figure 10.8 Periodic Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com