Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 323Page - Renesas Technology Corp SH7016 Datasheet HTML 324Page - Renesas Technology Corp SH7016 Datasheet HTML 325Page - Renesas Technology Corp SH7016 Datasheet HTML 326Page - Renesas Technology Corp SH7016 Datasheet HTML 327Page - Renesas Technology Corp SH7016 Datasheet HTML 328Page - Renesas Technology Corp SH7016 Datasheet HTML 329Page - Renesas Technology Corp SH7016 Datasheet HTML 330Page - Renesas Technology Corp SH7016 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 293 of 716
REJ09B0398-0500
11.1.4
Register Configuration
Table 11.2 summarizes the three WDT registers. They are used to select the clock, switch the
WDT mode, and control the reset signal.
Table 11.2
WDT Registers
Address
Name
Abbreviation
R/W
Initial Value
Write*
1
Read*
2
Timer control/status
register
TCSR
R/(W)*
3
H'18
H'FFFF8610
H'FFFF8610
Timer counter
TCNT
R/W
H'00
H'FFFF8611
Reset control/status
register
RSTCSR
R/(W)*
3
H'1F
H'FFFF8612
H'FFFF8613
Notes: 1. Write by word transfer. It cannot be written in byte or longword.
2. Read by byte transfer. It cannot be read in word or longword.
3. Only 0 can be written in bit 7 to clear the flag.
11.2
Register Descriptions
11.2.1
Timer Counter (TCNT)
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The TCNT is an 8-bit read/write upcounter. (The TCNT differs from other registers in that it is
more difficult to write to. See section 11.2.4, Register Access, for details.) When the timer enable
bit (TME) in the timer control/status register (TCSR) is set to 1, the watchdog timer counter starts
counting pulses of an internal clock selected by clock select bits 2 to 0 (CKS2 to CKS0) in the
TCSR. When the value of the TCNT overflows (changes from H'FF to H'00), a watchdog timer
overflow signal (
WDTOVF) or interval timer interrupt (ITI) is generated, depending on the mode
selected in the WT/
IT bit of the TCSR.
The TCNT is initialized to H'00 by a power-on reset and when the TME bit is cleared to 0. It is not
initialized in the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com