Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 325Page - Renesas Technology Corp SH7016 Datasheet HTML 326Page - Renesas Technology Corp SH7016 Datasheet HTML 327Page - Renesas Technology Corp SH7016 Datasheet HTML 328Page - Renesas Technology Corp SH7016 Datasheet HTML 329Page - Renesas Technology Corp SH7016 Datasheet HTML 330Page - Renesas Technology Corp SH7016 Datasheet HTML 331Page - Renesas Technology Corp SH7016 Datasheet HTML 332Page - Renesas Technology Corp SH7016 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 295 of 716
REJ09B0398-0500
Bit 5
⎯Timer Enable (TME): Enables or disables the timer.
Bit 5
TME
Description
0
Timer disabled: TCNT is initialized to H'00 and count-up stops
(initial value)
1
Timer enabled: TCNT starts counting. A
WDTOVF signal or interrupt is
generated when TCNT overflows.
Bits 4 and 3
⎯Reserved: These bits always read as 1. The write value should always be 1.
Bits 2 to 0: Clock Select 2 to 0 (CKS2 to CKS0): These bits select one of eight internal clock
sources for input to the TCNT. The clock signals are obtained by dividing the frequency of the
system clock (
φ).
Description
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Clock Source
Overflow Interval*
(
φ = 28.7 MHz)
0
0
0
φ/2
(initial value) 17.9
μs
0
0
1
φ/64
573.4
μs
0
1
0
φ/128
1.1 ms
0
1
1
φ/256
2.3 ms
1
0
0
φ/512
4.6 ms
1
0
1
φ/1024
9.2 ms
1
1
0
φ/4096
36.7 ms
1
1
1
φ/8192
73.4 ms
Note:
*
The overflow interval listed is the time from when the TCNT begins counting at H'00
until an overflow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com