Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 408Page - Renesas Technology Corp SH7018 Datasheet HTML 409Page - Renesas Technology Corp SH7018 Datasheet HTML 410Page - Renesas Technology Corp SH7018 Datasheet HTML 411Page - Renesas Technology Corp SH7018 Datasheet HTML 412Page - Renesas Technology Corp SH7018 Datasheet HTML 413Page - Renesas Technology Corp SH7018 Datasheet HTML 414Page - Renesas Technology Corp SH7018 Datasheet HTML 415Page - Renesas Technology Corp SH7018 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 431 page
background image
396
19.3.4
Multifunction Timer Pulse Unit Timing
Table 19.7 shows the multifunction timer pulse unit timing.
Table 19.7
Multifunction Timer Pulse Unit Timing
Conditions: V
CC = 3.0 to 3.6 V, PVCC = 5.0 ± 0.5 V, PVCC ≥ VCC, AVCC = 3.0 to 3.6 V,
AV
CC ≥ VCC, VSS = AVSS = 0 V, f = 20 MHz, Ta = –20 to +75°C
Item
Symbol
Min
Max
Unit
Figure
Output compare output delay time
t
TOCD
—
100
ns
Figure 19.9
Input capture input setup time
t
TICS
30
—
ns
CK
Output compare
output
Input capture
input
tTOCD
tTICS
Figure 19.9 MTU Input/Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com