Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 98Page - Renesas Technology Corp SH7018 Datasheet HTML 99Page - Renesas Technology Corp SH7018 Datasheet HTML 100Page - Renesas Technology Corp SH7018 Datasheet HTML 101Page - Renesas Technology Corp SH7018 Datasheet HTML 102Page - Renesas Technology Corp SH7018 Datasheet HTML 103Page - Renesas Technology Corp SH7018 Datasheet HTML 104Page - Renesas Technology Corp SH7018 Datasheet HTML 105Page - Renesas Technology Corp SH7018 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 431 page
background image
86
7.2.3
Wait Control Register 1 (WCR1)
Wait control register 1 (WCR1) is a 16-bit read/write register that specifies the number of wait
cycles (0 to 3) for each CS space.
WCR1 is initialized to H'FFFF by power-on resets.
Bit:
15
14
13
12
11
10
9
8
—
—
W31
W30
—
—
W21
W20
Initial value:
1
1
1
1
1
1
1
1
R/W:
R
R
R/W
R/W
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
—
—
W11
W10
—
—
W01
W00
Initial value:
1
1
1
1
1
1
1
1
R/W:
R
R
R/W
R/W
R
R
R/W
R/W
• Bits 15 and 14—Reserved: These bits are always read as 1. The write value should always be
1.
• Bits 13 and 12—CS3 Space Wait Specification (W31, W30): These bits specify the number of
waits for CS3 space accesses.
Bit 13 (W31)
Bit 12 (W30)
Description
0
0
No wait (external wait input disabled)
1
1-wait external wait input enabled
1
0
2-wait external wait input enabled
1
3-wait external wait input enabled
(Initial value)
• Bits 11 and 10—Reserved: These bits are always read as 1. The write value should always be
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com