Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 174Page - Renesas Technology Corp SH7018 Datasheet HTML 175Page - Renesas Technology Corp SH7018 Datasheet HTML 176Page - Renesas Technology Corp SH7018 Datasheet HTML 177Page - Renesas Technology Corp SH7018 Datasheet HTML 178Page - Renesas Technology Corp SH7018 Datasheet HTML 179Page - Renesas Technology Corp SH7018 Datasheet HTML 180Page - Renesas Technology Corp SH7018 Datasheet HTML 181Page - Renesas Technology Corp SH7018 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 431 page
background image
162
(3) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in PWM Mode 2: Figure 8.51 shows an explanatory diagram of the case where an
error occurs in normal mode and operation is restarted in PWM mode 2 after re-setting.
1
RESET
2
TMDR
(normal)
4
PFC
(MTU)
3
TIOR
("1"init
"0"out)
5
TSTR
(1)
6
Match
7
Error
occurs
8
PFC
(PORT)
9
TSTR
(0)
10
TMDR
(PWM2)
11
TIOR
(1 init
0 out)
12
PFC
(MTU)
13
TSTR
(1)
MTU output
n = 0, 2, 4 to 7, 12 to 14
TIOC*A
TIOC*B
Port output
PEn
PEn
Z
Z
• Not initialized (cycle register)
Figure 8.51 Error Occurrence in Normal Mode, Recovery in PWM Mode 2
1 to 9 are the same as in figure 8.49.
10. Set PWM mode 2.
11. Initialize the pins with TIOR. (In PWM mode 2, the cycle register pins are not initialized. If
initialization is required, initialize in normal mode, then switch to PWM mode 2.)
12. Set MTU output with the PFC.
13. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com