Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 233Page - Renesas Technology Corp SH7018 Datasheet HTML 234Page - Renesas Technology Corp SH7018 Datasheet HTML 235Page - Renesas Technology Corp SH7018 Datasheet HTML 236Page - Renesas Technology Corp SH7018 Datasheet HTML 237Page - Renesas Technology Corp SH7018 Datasheet HTML 238Page - Renesas Technology Corp SH7018 Datasheet HTML 239Page - Renesas Technology Corp SH7018 Datasheet HTML 240Page - Renesas Technology Corp SH7018 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 431 page
background image
221
Table 12.4
Bit Rates and BRR Settings in Clocked Synchronous Mode (cont)
φφφφ (MHz)
Bit Rate
16
20
(Bits/s)
n
N
n
N
110
3
212
3
212
250
3
249
3
249
500
3
124
3
155
1k
2
249
3
77
2.5k
2
99
2
124
5k
1
199
1
249
10k
1
99
1
124
25k
0
159
0
199
50k
0
79
0
99
100k
0
39
0
49
250k
0
15
0
19
500k
0
7
0
9
1M
03
04
2.5M
—
—
0
1
5M
0
0*
Note:
Settings with an error of 1% or less are recommended.
Legend
Blank: No setting available
—: Setting possible, but error occurs
*: Continuous transmission/reception is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com