Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 523Page - Renesas Technology Corp SH7052 Datasheet HTML 524Page - Renesas Technology Corp SH7052 Datasheet HTML 525Page - Renesas Technology Corp SH7052 Datasheet HTML 526Page - Renesas Technology Corp SH7052 Datasheet HTML 527Page - Renesas Technology Corp SH7052 Datasheet HTML 528Page - Renesas Technology Corp SH7052 Datasheet HTML 529Page - Renesas Technology Corp SH7052 Datasheet HTML 530Page - Renesas Technology Corp SH7052 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 919 page
background image
501
Section 15 Hitachi Controller Area Network (HCAN)
15.1
Overview
The HCAN is a module for controlling a controller area network (CAN) for realtime
communication in automotive and industrial equipment systems, etc. The SH7052F/SH7053F/
SH7054F has a 1-channel on-chip HCAN module.
Reference: Bosch CAN Specification Version 2.0 1991, Robert Bosch GmbH
15.1.1
Features
The HCAN has the following features:
• CAN version: Bosch 2.0B active compatible
 Communication systems:
NRZ (Non-Return to Zero) system (with bit-stuffing function)
Broadcast communication system
 Transmission path: Bidirectional 2-wire serial communication
 Communication speed: Max. 1 Mbps (at 40 MHz operation)
 Data length: 0 to 8 bytes
• Number of channels: 1
• Data buffers: 16 (one receive-only buffer and 15 buffers settable for transmission/reception)
• Data transmission: Choice of two methods:
 Mailbox (buffer) number order (low-to-high)
 Message priority (identifier) high-to-low order
• Data reception: Two methods:
 Message identifier match (transmit/receive-setting buffers)
 Reception with message identifier masked (receive-only)
• CPU interrupts: Four independent interrupt vectors:
 Error interrupt
 Reset processing interrupt
 Message reception interrupt
 Message transmission interrupt
• HCAN operating modes: Support for various modes:
 Hardware reset
 Software reset
 Normal status (error-active, error-passive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com