Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 521Page - Renesas Technology Corp SH7052 Datasheet HTML 522Page - Renesas Technology Corp SH7052 Datasheet HTML 523Page - Renesas Technology Corp SH7052 Datasheet HTML 524Page - Renesas Technology Corp SH7052 Datasheet HTML 525Page - Renesas Technology Corp SH7052 Datasheet HTML 526Page - Renesas Technology Corp SH7052 Datasheet HTML 527Page - Renesas Technology Corp SH7052 Datasheet HTML 528Page - Renesas Technology Corp SH7052 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 919 page
background image
499
14.5.7
Constraints on DMAC Use
• When using an external clock source for the serial clock, update TDR with the DMAC, and
then after the elapse of five peripheral clocks (P
φ) or more, input a transmit clock. If a transmit
clock is input in the first four P
φ clocks after TDR is written, an error may occur (figure
14.26).
• Before reading the receive data register (RDR) with the DMAC, select the receive-data-full
(RXI) interrupt of the SCI as a start-up source.
D0
D1
D2
D3
D4
D5
D6
D7
SCK
TDRE
t
Note: During external clock operation, an error may occur if t is 4 P
φ clocks or less.
Figure 14.26 Example of Synchronous Transmission with DMAC
14.5.8
Cautions on Synchronous External Clock Mode
• Set TE = RE = 1 only when external clock SCK is 1.
• Do not set TE = RE = 1 until at least four Pφ clocks after external clock SCK has changed from
0 to 1.
• When receiving, RDRF is 1 when RE is cleared to zero 2.5 to 3.5 Pφ clocks after the rising
edge of the RxD D7 bit SCK input, but copying to RDR is not possible.
14.5.9
Caution on Synchronous Internal Clock Mode
When receiving, RDRF is 1 when RE is cleared to zero 1.5 P
φ clocks after the rising edge of the
RxD D7 bit SCK output, but copying to RDR is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com