Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 524 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 520Page - Renesas Technology Corp SH7052 Datasheet HTML 521Page - Renesas Technology Corp SH7052 Datasheet HTML 522Page - Renesas Technology Corp SH7052 Datasheet HTML 523Page - Renesas Technology Corp SH7052 Datasheet HTML 524Page - Renesas Technology Corp SH7052 Datasheet HTML 525Page - Renesas Technology Corp SH7052 Datasheet HTML 526Page - Renesas Technology Corp SH7052 Datasheet HTML 527Page - Renesas Technology Corp SH7052 Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 919 page
background image
498
0 123 4 5 6 7
123 4 5
123 4 5
67
8 9 10 11 12 13 14 15
9 10 11 12 13 14 15
08
0
Base clock
Receive
data (RxD)
Synchronization
sampling timing
Data
sampling timing
8 clocks
16 clocks
Start bit
–7.5 clocks
+7.5 clocks
D0
D1
Figure 14.25 Receive Data Sampling Timing in Asynchronous Mode
The receive margin in asynchronous mode can therefore be expressed as:
M = 0.5 –
1
2N
D – 0.5
N
– (L – 0.5) F –
(1 + F)
× 100%
M : Receive margin (%)
N : Ratio of clock frequency to bit rate (N = 16)
D : Clock duty cycle (D = 0 to 1.0)
L : Frame length (L = 9 to 12)
F : Absolute deviation of clock frequency
From the equation above, if F = 0 and D = 0.5 the receive margin is 46.875%:
D
= 0.5, F = 0
M = (0.5 – 1/(2
× 16)) × 100%
= 46.875%
This is a theoretical value. A reasonable margin to allow in system designs is 20 to 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com