Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 611 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 611 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 607Page - Renesas Technology Corp SH7052 Datasheet HTML 608Page - Renesas Technology Corp SH7052 Datasheet HTML 609Page - Renesas Technology Corp SH7052 Datasheet HTML 610Page - Renesas Technology Corp SH7052 Datasheet HTML 611Page - Renesas Technology Corp SH7052 Datasheet HTML 612Page - Renesas Technology Corp SH7052 Datasheet HTML 613Page - Renesas Technology Corp SH7052 Datasheet HTML 614Page - Renesas Technology Corp SH7052 Datasheet HTML 615Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 919 page
background image
585
16.4.4
External Triggering of A/D Converter
A/D conversion can be externally triggered. To activate the A/D converter with an external trigger,
first set the pin functions with the PFC (pin function controller) and input a high level to the
ADTRG pin, then set the TRGE bit to 1 and clear the ADST bit to 0 in the A/D control register
(ADCR), and set the EXTRG bit to 1 in the A/D trigger register (ADTRGR). When a low level is
input to the
ADTRG pin after these settings have been made, the A/D converter detects the low
level and sets the ADST bit to 1. If a low level is being input to the
ADTRG pin when A/D
conversion ends, the ADST bit is set to 1 again, and A/D conversion is started. Figure 16.7 shows
the timing for external trigger input.
The ADST bit is set to 1 two states after the A/D converter samples the low level on the
ADTRG
pin. The timing from setting of the ADST bit until the start of A/D conversion is the same as when
1 is written into the ADST bit by software.
ADTRG pin sampled
ADTRG input
ADST bit
P
φ
ADST = 1
Figure 16.7 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com