Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 612 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 612 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 608Page - Renesas Technology Corp SH7052 Datasheet HTML 609Page - Renesas Technology Corp SH7052 Datasheet HTML 610Page - Renesas Technology Corp SH7052 Datasheet HTML 611Page - Renesas Technology Corp SH7052 Datasheet HTML 612Page - Renesas Technology Corp SH7052 Datasheet HTML 613Page - Renesas Technology Corp SH7052 Datasheet HTML 614Page - Renesas Technology Corp SH7052 Datasheet HTML 615Page - Renesas Technology Corp SH7052 Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 919 page
background image
586
16.4.5
A/D Converter Activation by ATU-II
The A/D0 and A/D1 converter modules can be activated by an A/D conversion request from the
ATU-II’s channel 0 interval timer.
To activate the A/D converter by means of the ATU-II, set the TRGE bit to 1 in the A/D control
register (ADCR) and clear the EXTRG bit to 0 in the A/D trigger register (ADTRGR). When an
ATU-II channel 0 interval timer A/D conversion request is generated after these settings have been
made, the ADST bit set to 1. The timing from setting of the ADST bit until the start of A/D
conversion is the same as when 1 is written into the ADST bit by software.
16.5
Interrupt Sources and DMA Transfer Requests
The A/D converter can generate an A/D conversion end interrupt request (ADI0 or ADI1) upon
completion of A/D conversions. The ADI interrupt can be enabled by setting the ADIE bit in the
A/D control/status register (ADCSR) to 1, or disabled by clearing the ADIE bit to 0.
The DMAC can be activated by an ADI interrupt. In this case an interrupt request is not sent to the
CPU.
When the DMAC is activated by an ADI interrupt, the ADF bit in ADCSR is automatically
cleared when data is transferred by the DMAC.
See section 9.4.2, Example of DMA Transfer between A/D Converter and On-Chip Memory, for
an example of this operation.
16.6
Usage Notes
The following points should be noted when using the A/D converter.
1. Analog input voltage range
The voltage applied to analog input pins during A/D conversion should be in the range AV
SS ≤
AN
n ≤ AVref.
2. Relation between AV
SS, AVCC and VSS, VCC
When using the A/D converter, set AV
CC = 5.0 V ±0.5 V, and AVSS = VSS. When the A/D
converter is not used, set AV
SS = VSS , and do not leave the AVCC pin open.
3. AV
ref input range
Set AV
ref = 4.5 V to AVCC when the A/D converter is used, and AVref ≤ AVCC when not used.
If conditions above are not met, the reliability of the device may be adversely affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com