Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 639 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 639 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 635Page - Renesas Technology Corp SH7052 Datasheet HTML 636Page - Renesas Technology Corp SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp SH7052 Datasheet HTML 642Page - Renesas Technology Corp SH7052 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 919 page
background image
613
Port B Control Register H (PBCRH)
Bit:
15
14
13
12
11
10
9
8
PB15
MD1
PB15
MD0
PB14
MD1
PB14
MD0
—
PB13
MD
PB12
MD1
PB12
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB11
MD1
PB11
MD0
PB10
MD1
PB10
MD0
PB9
MD1
PB9
MD0
PB8
MD1
PB8
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 and 14—PB15 Mode Bits 1 and 0 (PB15MD1, PB15MD0): These bits select the
function of pin PB15/PULS5/SCK2.
Bit 15: PB15MD1
Bit 14: PB15MD0
Description
0
0
General input/output (PB15)
(Initial value)
1
APC pulse output (PULS5)
1
0
Serial clock input/output (SCK2)
1
Reserved (Do not set)
• Bits 13 and 12—PB14 Mode Bits 1 and 0 (PB14MD1, PB14MD0): These bits select the
function of pin PB14/SCK1/TCLKB/T110.
Bit 13: PB14MD1
Bit 12: PB14MD0
Description
0
0
General input/output (PB14)
(Initial value)
1
Serial clock input/output (SCK1)
1
0
ATU clock input (TCLKB)
1
ATU edge input (TI10)
• Bit 11—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com