Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 636 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 636 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 632Page - Renesas Technology Corp SH7052 Datasheet HTML 633Page - Renesas Technology Corp SH7052 Datasheet HTML 634Page - Renesas Technology Corp SH7052 Datasheet HTML 635Page - Renesas Technology Corp SH7052 Datasheet HTML 636Page - Renesas Technology Corp SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 919 page
background image
610
Port A Control Register L (PACRL)
Bit:
15
14
13
12
11
10
9
8
—
PA7MD
—
PA6MD
—
PA5MD
—
PA4MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
R/W
—
R/W
—
R/W
—
R/W
Bit:
7
6
5
4
3
2
1
0
—
PA3MD
—
PA2MD
—
PA1MD
—
PA0MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
—
R/W
—
R/W
—
R/W
—
R/W
• Bit 15—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 14—PA7 Mode Bit (PA7MD): Selects the function of pin PA7/TIO3D.
Bit 14: PA7MD
Description
0
General input/output (PA7)
(Initial value)
1
ATU input capture input/output compare output (TIO3D)
• Bit 13—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 12—PA6 Mode Bit (PA6MD): Selects the function of pin PA6/TIO3C.
Bit 12: PA6MD
Description
0
General input/output (PA6)
(Initial value)
1
ATU input capture input/output compare output (TIO3C)
• Bit 11—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 10—PA5 Mode Bit (PA5MD): Selects the function of pin PA5/TIO3B.
Bit 10: PA5MD
Description
0
General input/output (PA5)
(Initial value)
1
ATU input capture input/output compare output (TIO3B)
• Bit 9—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com