Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 293Page - Renesas Technology Corp SH7052 Datasheet HTML 294Page - Renesas Technology Corp SH7052 Datasheet HTML 295Page - Renesas Technology Corp SH7052 Datasheet HTML 296Page - Renesas Technology Corp SH7052 Datasheet HTML 297Page - Renesas Technology Corp SH7052 Datasheet HTML 298Page - Renesas Technology Corp SH7052 Datasheet HTML 299Page - Renesas Technology Corp SH7052 Datasheet HTML 300Page - Renesas Technology Corp SH7052 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 919 page
background image
271
• Bit 13—Input Capture/Compare-Match Interrupt Enable 5D (IME5D): Enables or disables
interrupt requests by IMF5D in TSR3 when IMF5D is set to 1.
Bit 13: IME5D
Description
0
IMI5D interrupt requested by IMF5D is disabled
(Initial value)
1
IMI5D interrupt requested by IMF5D is enabled
• Bit 12—Input Capture/Compare-Match Interrupt Enable 5C (IME5C): Enables or disables
interrupt requests by IMF5C in TSR3 when IMF5C is set to 1.
Bit 12: IME5C
Description
0
IMI5C interrupt requested by IMF5C is disabled
(Initial value)
1
IMI5C interrupt requested by IMF5C is enabled
• Bit 11—Input Capture/Compare-Match Interrupt Enable 5B (IME5B): Enables or disables
interrupt requests by IMF5B in TSR3 when IMF5B is set to 1.
Bit 11: IME5B
Description
0
IMI5B interrupt requested by IMF5B is disabled
(Initial value)
1
IMI5B interrupt requested by IMF5B is enabled
• Bit 10—Input Capture/Compare-Match Interrupt Enable 5A (IME5A): Enables or disables
interrupt requests by IMF5A in TSR3 when IMF5A is set to 1.
Bit 10: IME5A
Description
0
IMI5A interrupt requested by IMF5A is disabled
(Initial value)
1
IMI5A interrupt requested by IMF5A is enabled
• Bit 9—Overflow Interrupt Enable 4 (OVE4): Enables or disables interrupt requests by OVF4
in TSR3 when OVF4 is set to 1.
Bit 9: OVE4
Description
0
OVI4 interrupt requested by OVF4 is disabled
(Initial value)
1
OVI4 interrupt requested by OVF4 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com