Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 395Page - Renesas Technology Corp SH7243 Datasheet HTML 396Page - Renesas Technology Corp SH7243 Datasheet HTML 397Page - Renesas Technology Corp SH7243 Datasheet HTML 398Page - Renesas Technology Corp SH7243 Datasheet HTML 399Page - Renesas Technology Corp SH7243 Datasheet HTML 400Page - Renesas Technology Corp SH7243 Datasheet HTML 401Page - Renesas Technology Corp SH7243 Datasheet HTML 402Page - Renesas Technology Corp SH7243 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 369 of 1692
REJ09B0393-0100
Table 9.18
Conditions for Determining Number of Idle Cycles
No. Condition
Description
Range
Note
(1)
DMAIW[2:0] in
CMNCR
These bits specify the number of
idle cycles for DMA single address
transfer. This condition is effective
only for single address transfer and
generates idle cycles after the
access is completed.
0 to 12
When 0 is specified for the
number of idle cycles, the
DACK signal may be asserted
continuously. This causes a
discrepancy between the
number of cycles detected by
the device with DACK and the
DMAC transfer count,
resulting in a malfunction.
(2)
IW***[2:0] in
CSnBCR
These bits specify the number of
idle cycles for access other than
single address transfer. The
number of idle cycles can be
specified independently for each
combination of the previous and
next cycles. For example, in the
case where reading CS1 space
followed by reading other CS
space, the bits IWRRD[2:0] in
CS1BCR should be set to B'100 to
specify six or more idle cycles. This
condition is effective only for access
cycles other than single address
transfer and generates idle cycles
after the access is completed.
0 to 12
Do not set 0 for the number of
idle cycles between memory
types which are not allowed
to be accessed successively.
(3)
SDRAM-related
bits in
CSnWCR
These bits specify precharge
completion and startup wait cycles
and idle cycles between commands
for SDRAM access. This condition
is effective only for SDRAM access
and generates idle cycles after the
access is completed
0 to 3
Specify these bits in
accordance with the
specification of the target
SDRAM.
(4)
WM in
CSnWCR
This bit enables or disables external
WAIT pin input for the memory
types other than SDRAM. When
this bit is cleared to 0 (external
WAIT enabled), one idle cycle is
inserted to check the external
WAIT
pin input after the access is
completed. When this bit is set to 1
(disabled), no idle cycle is
generated.
0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com