Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 444Page - Renesas Technology Corp SH7243 Datasheet HTML 445Page - Renesas Technology Corp SH7243 Datasheet HTML 446Page - Renesas Technology Corp SH7243 Datasheet HTML 447Page - Renesas Technology Corp SH7243 Datasheet HTML 448Page - Renesas Technology Corp SH7243 Datasheet HTML 449Page - Renesas Technology Corp SH7243 Datasheet HTML 450Page - Renesas Technology Corp SH7243 Datasheet HTML 451Page - Renesas Technology Corp SH7243 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1726 page
background image
Section 10 Direct Memory Access Controller (DMAC)
Rev. 1.00 Jun. 26, 2008 Page 418 of 1692
REJ09B0393-0100
10.4.4
DMA Transfer Types
DMA transfer has two types: single address mode transfer and dual address mode transfer. They
depend on the number of bus cycles of access to the transfer source and destination. A data
transfer timing depends on the bus mode, which is cycle steal mode or burst mode. The DMAC
supports the transfers shown in table 10.9.
Table 10.9
Supported DMA Transfers
Transfer Destination
Transfer Source
External Device
with DACK
External
Memory
Memory-Mapped
External Device
On-Chip
Peripheral Module
On-Chip
Memory
External device
with DACK
Not available
Dual, single
Dual, single
Not available
Not available
External memory
Dual, single
Dual
Dual
Dual
Dual
Memory-mapped
external device
Dual, single
Dual
Dual
Dual
Dual
On-chip
peripheral module
Not available
Dual
Dual
Dual
Dual
On-chip memory
Not available
Dual
Dual
Dual
Dual
Notes: 1. Dual: Dual address mode
2. Single: Single address mode
3. 16-byte transfer is available only for on-chip peripheral modules that support longword
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com