| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 452 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 452 Page - Renesas Technology Corp |
|
452 / 1726 page ![]() Section 10 Direct Memory Access Controller (DMAC) Rev. 1.00 Jun. 26, 2008 Page 422 of 1692 REJ09B0393-0100 Address output to external memory space Select signal to external memory space Select signal to external memory space Data output from external device with DACK DACK signal (active-low) to external device with DACK Write strobe signal to external memory space Address output to external memory space Data output from external memory space DACK signal (active-low) to external device with DACK Read strobe signal to external memory space (a) External device with DACK → External memory space (normal memory) (b) External memory space (normal memory) → External device with DACK CK A25 to A0 D31 to D0 DACKn CSn WEn CK A25 to A0 D31 to D0 DACKn CSn RD Figure 10.8 Example of DMA Transfer Timing in Single Address Mode (2) Bus Modes There are two bus modes; cycle steal and burst. Select the mode by the TB bits in the channel control registers (CHCR). (a) Cycle Steal Mode • Normal mode In normal mode of cycle steal, the bus mastership is given to another bus master after a one- transfer-unit (byte, word, longword, or 16-byte unit) DMA transfer. When another transfer request occurs, the bus mastership is obtained from another bus master and a transfer is performed for one transfer unit. When that transfer ends, the bus mastership is passed to another bus master. This is repeated until the transfer end conditions are satisfied. The cycle-steal normal mode can be used for any transfer section; transfer request source, transfer source, and transfer destination. Figure 10.9 shows an example of DMA transfer timing in cycle-steal normal mode. Transfer conditions shown in the figure are: Dual address mode DREQ low level detection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |