Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 470Page - Renesas Technology Corp SH7243 Datasheet HTML 471Page - Renesas Technology Corp SH7243 Datasheet HTML 472Page - Renesas Technology Corp SH7243 Datasheet HTML 473Page - Renesas Technology Corp SH7243 Datasheet HTML 474Page - Renesas Technology Corp SH7243 Datasheet HTML 475Page - Renesas Technology Corp SH7243 Datasheet HTML 476Page - Renesas Technology Corp SH7243 Datasheet HTML 477Page - Renesas Technology Corp SH7243 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 444 of 1692
REJ09B0393-0100
11.3.1
Timer Control Register (TCR)
The TCR registers are 8-bit readable/writable registers that control the TCNT operation for each
channel. The MTU2 has a total of eight TCR registers, one each for channels 0 to 4 and three
(TCRU_5, TCRV_5, and TCRW_5) for channel 5. TCR register settings should be conducted
only when TCNT operation is stopped.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CCLR[2:0]
CKEG[1:0]
TPSC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
CCLR[2:0]
000
R/W
Counter Clear 0 to 2
These bits select the TCNT counter clearing source.
See tables 11.4 and 11.5 for details.
4, 3
CKEG[1:0]
00
R/W
Clock Edge 0 and 1
These bits select the input clock edge. When the input
clock is counted using both edges, the input clock
period is halved (e.g. MP
φ/4 both edges = MPφ/2 rising
edge). If phase counting mode is used on channels 1
and 2, this setting is ignored and the phase counting
mode setting has priority. Internal clock edge selection
is valid when the input clock is MP
φ/4 or slower. When
MP
φ/1 or the overflow/underflow of another channel is
selected for the input clock, although values can be
written, counter operation compiles with the initial value.
00: Count at rising edge
01: Count at falling edge
1x: Count at both edges
2 to 0
TPSC[2:0]
000
R/W
Time Prescaler 0 to 2
These bits select the TCNT counter clock. The clock
source can be selected independently for each channel.
See tables 11.6 to 11.10 for details.
[Legend]
x:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com