Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 474Page - Renesas Technology Corp SH7243 Datasheet HTML 475Page - Renesas Technology Corp SH7243 Datasheet HTML 476Page - Renesas Technology Corp SH7243 Datasheet HTML 477Page - Renesas Technology Corp SH7243 Datasheet HTML 478Page - Renesas Technology Corp SH7243 Datasheet HTML 479Page - Renesas Technology Corp SH7243 Datasheet HTML 480Page - Renesas Technology Corp SH7243 Datasheet HTML 481Page - Renesas Technology Corp SH7243 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 448 of 1692
REJ09B0393-0100
Table 11.10 TPSC1 and TPSC0 (Channel 5)
Channel
Bit 1
TPSC1
Bit 0
TPSC0
Description
5
0
0
Internal clock: counts on P
φ/1
1
Internal clock: counts on P
φ/4
1
0
Internal clock: counts on P
φ/16
1
Internal clock: counts on P
φ/64
Note:
Bits 7 to 2 are reserved in channel 5. These bits are always read as 0. The write value
should always be 0.
11.3.2
Timer Mode Register (TMDR)
The TMDR registers are 8-bit readable/writable registers that are used to set the operating mode of
each channel. The MTU2 has five TMDR registers, one each for channels 0 to 4. TMDR register
settings should be changed only when TCNT operation is stopped.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
BFE
BFB
BFA
MD[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
BFE
0
R/W
Buffer Operation E
Specifies whether TGRE_0 and TGRF_0 are to operate
in the normal way or to be used together for buffer
operation.
TGRF compare match is generated when TGRF is
used as the buffer register.
In channels 1 to 4, this bit is reserved. It is always read
as 0 and the write value should always be 0.
0: TGRE_0 and TGRF_0 operate normally
1: TGRE_0 and TGRF_0 used together for buffer
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com