Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 501Page - Renesas Technology Corp SH7243 Datasheet HTML 502Page - Renesas Technology Corp SH7243 Datasheet HTML 503Page - Renesas Technology Corp SH7243 Datasheet HTML 504Page - Renesas Technology Corp SH7243 Datasheet HTML 505Page - Renesas Technology Corp SH7243 Datasheet HTML 506Page - Renesas Technology Corp SH7243 Datasheet HTML 507Page - Renesas Technology Corp SH7243 Datasheet HTML 508Page - Renesas Technology Corp SH7243 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 475 of 1692
REJ09B0393-0100
• TIER_5
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/W
R/W
R/W
-----
TGIE5U TGIE5V TGIE5W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
TGIE5U
0
R/W
TGR Interrupt Enable 5U
Enables or disables interrupt requests (TGIU_5) by the
CMFU5 bit when this bit in TSR_5 is set to 1.
0: Interrupt requests (TGIU_5) disabled
1: Interrupt requests (TGIU_5) enabled
1
TGIE5V
0
R/W
TGR Interrupt Enable 5V
Enables or disables interrupt requests (TGIV_5) by the
CMFV5 bit when this bit in TSR_5 is set to 1.
0: Interrupt requests (TGIV_5) disabled
1: Interrupt requests (TGIV_5) enabled
0
TGIE5W
0
R/W
TGR Interrupt Enable 5W
Enables or disables interrupt requests (TGIW_5) by the
CMFW5 bit when this bit in TSR_5 is set to 1.
0: Interrupt requests (TGIW_5) disabled
1: Interrupt requests (TGIW_5) enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com