Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 505Page - Renesas Technology Corp SH7243 Datasheet HTML 506Page - Renesas Technology Corp SH7243 Datasheet HTML 507Page - Renesas Technology Corp SH7243 Datasheet HTML 508Page - Renesas Technology Corp SH7243 Datasheet HTML 509Page - Renesas Technology Corp SH7243 Datasheet HTML 510Page - Renesas Technology Corp SH7243 Datasheet HTML 511Page - Renesas Technology Corp SH7243 Datasheet HTML 512Page - Renesas Technology Corp SH7243 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 479 of 1692
REJ09B0393-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
TGFA
0
R/(W)*
1
Input Capture/Output Compare Flag A
Status flag that indicates the occurrence of TGRA input
capture or compare match. Only 0 can be written, for
flag clearing.
[Clearing conditions]
• When DMAC is activated by TGIA interrupt.
• When DTC is activated by TGIA interrupt, and the
DISEL bit of MRB in DTC is cleared to 0.
• When 0 is written to TGFA after reading
TGFA = 1*
2
[Setting conditions]
• When TCNT = TGRA and TGRA is functioning as
output compare register
• When TCNT value is transferred to TGRA by input
capture signal and TGRA is functioning as input
capture register
Notes: 1. Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
2. After reading 1, when the next flag set is generated before writing 0, the flag will not be
cleared by writing 0. Read 1 again and write 0 in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com