Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 534Page - Renesas Technology Corp SH7243 Datasheet HTML 535Page - Renesas Technology Corp SH7243 Datasheet HTML 536Page - Renesas Technology Corp SH7243 Datasheet HTML 537Page - Renesas Technology Corp SH7243 Datasheet HTML 538Page - Renesas Technology Corp SH7243 Datasheet HTML 539Page - Renesas Technology Corp SH7243 Datasheet HTML 540Page - Renesas Technology Corp SH7243 Datasheet HTML 541Page - Renesas Technology Corp SH7243 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 508 of 1692
REJ09B0393-0100
Table 11.38 TIOC4B Output Level Select Function
Bit 0
Function
Compare Match Output
OLS1P
Initial Output
Active Level
Up Count
Down Count
0
High level
Low level
Low level
High level
1
Low level
High level
High level
Low level
11.3.22
Timer Output Level Buffer Register (TOLBR)
TOLBR is an 8-bit readable/writable register that functions as a buffer for TOCR2 and specifies
the PWM output level in complementary PWM mode and reset-synchronized PWM mode.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R/W
R/W
R/W
R/W
R/W
R/W
-
-
OLS3N OLS3P OLS2N OLS2P OLS1N OLS1P
Bit
Bit Name
Initial
value
R/W
Description
7, 6
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5
OLS3N
0
R/W
Specifies the buffer value to be transferred to the
OLS3N bit in TOCR2.
4
OLS3P
0
R/W
Specifies the buffer value to be transferred to the
OLS3P bit in TOCR2.
3
OLS2N
0
R/W
Specifies the buffer value to be transferred to the
OLS2N bit in TOCR2.
2
OLS2P
0
R/W
Specifies the buffer value to be transferred to the
OLS2P bit in TOCR2.
1
OLS1N
0
R/W
Specifies the buffer value to be transferred to the
OLS1N bit in TOCR2.
0
OLS1P
0
R/W
Specifies the buffer value to be transferred to the
OLS1P bit in TOCR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com