Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 535Page - Renesas Technology Corp SH7243 Datasheet HTML 536Page - Renesas Technology Corp SH7243 Datasheet HTML 537Page - Renesas Technology Corp SH7243 Datasheet HTML 538Page - Renesas Technology Corp SH7243 Datasheet HTML 539Page - Renesas Technology Corp SH7243 Datasheet HTML 540Page - Renesas Technology Corp SH7243 Datasheet HTML 541Page - Renesas Technology Corp SH7243 Datasheet HTML 542Page - Renesas Technology Corp SH7243 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 509 of 1692
REJ09B0393-0100
Figure 11.3 shows an example of the PWM output level setting procedure in buffer operation.
Set bit TOCS
Set TOCR2
Set TOLBR
[1]
[2]
[3]
[1] Set bit TOCS in TOCR1 to 1 to enable the TOCR2 setting.
[2] Use bits BF1 and BF0 in TOCR2 to select the TOLBR buffer
transfer timing. Use bits OLS3N to OLS1N and OLS3P to OLS1P
to specify the PWM output levels.
[3] The TOLBR initial setting must be the same value as specified in
bits OLS3N to OLS1N and OLS3P to OLS1P in TOCR2.
Figure 11.3 PWM Output Level Setting Procedure in Buffer Operation
11.3.23
Timer Gate Control Register (TGCR)
TGCR is an 8-bit readable/writable register that controls the waveform output necessary for
brushless DC motor control in reset-synchronized PWM mode/complementary PWM mode. These
register settings are ineffective for anything other than complementary PWM mode/reset-
synchronized PWM mode.
Bit:
Initial value:
R/W:
7654321
0
10000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
BDC
N
P
FB
WF
VF
UF
Bit
Bit Name
Initial
value
R/W
Description
7
—
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
6
BDC
0
R/W
Brushless DC Motor
This bit selects whether to make the functions of this
register (TGCR) effective or ineffective.
0: Ordinary output
1: Functions of this register are made effective



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com