Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 541Page - Renesas Technology Corp SH7243 Datasheet HTML 542Page - Renesas Technology Corp SH7243 Datasheet HTML 543Page - Renesas Technology Corp SH7243 Datasheet HTML 544Page - Renesas Technology Corp SH7243 Datasheet HTML 545Page - Renesas Technology Corp SH7243 Datasheet HTML 546Page - Renesas Technology Corp SH7243 Datasheet HTML 547Page - Renesas Technology Corp SH7243 Datasheet HTML 548Page - Renesas Technology Corp SH7243 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 515 of 1692
REJ09B0393-0100
11.3.29
Timer Interrupt Skipping Counter (TITCNT)
TITCNT is an 8-bit readable/writable counter. The MTU2 has one TITCNT. TITCNT retains its
value even after stopping the count operation of TCNT_3 and TCNT_4.
Bit:
Initial value:
R/W:
7654321
0
00000000
RRRRRRRR
-
3ACNT[2:0]
-
4VCNT[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0.
6 to 4
3ACNT[2:0]
000
R
TGIA_3 Interrupt Counter
While the T3AEN bit in TITCR is set to 1, the count in
these bits is incremented every time a TGIA_3 interrupt
occurs.
[Clearing conditions]
• When the 3ACNT2 to 3ACNT0 value in TITCNT
matches the 3ACOR2 to 3ACOR0 value in TITCR
• When the T3AEN bit in TITCR is cleared to 0
• When the 3ACOR2 to 3ACOR0 bits in TITCR are
cleared to 0
3
—
0
R
Reserved
This bit is always read as 0.
2 to 0
4VCNT[2:0]
000
R
TCIV_4 Interrupt Counter
While the T4VEN bit in TITCR is set to 1, the count in
these bits is incremented every time a TCIV_4 interrupt
occurs.
[Clearing conditions]
• When the 4VCNT2 to 4VCNT0 value in TITCNT
matches the 4VCOR2 to 4VCOR2 value in TITCR
• When the T4VEN bit in TITCR is cleared to 0
• When the 4VCOR2 to 4VCOR2 bits in TITCR are
cleared to 0
Note:
To clear the TITCNT, clear the bits T3AEN and T4VEN in TITCR to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com