Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 547 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 547 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 543Page - Renesas Technology Corp SH7243 Datasheet HTML 544Page - Renesas Technology Corp SH7243 Datasheet HTML 545Page - Renesas Technology Corp SH7243 Datasheet HTML 546Page - Renesas Technology Corp SH7243 Datasheet HTML 547Page - Renesas Technology Corp SH7243 Datasheet HTML 548Page - Renesas Technology Corp SH7243 Datasheet HTML 549Page - Renesas Technology Corp SH7243 Datasheet HTML 550Page - Renesas Technology Corp SH7243 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 1726 page
background image
Section 11 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 1.00 Jun. 26, 2008 Page 517 of 1692
REJ09B0393-0100
Table 11.42 Setting of Bits BTE1 and BTE0
Bit 1
Bit 0
BTE1
BTE0
Description
0
0
Enables transfer from the buffer registers to the temporary registers*
1
and does not link the transfer with interrupt skipping operation.
0
1
Disables transfer from the buffer registers to the temporary registers.
1
0
Links transfer from the buffer registers to the temporary registers with
interrupt skipping operation.*
2
1
1
Setting prohibited
Note:
1. Data is transferred according to the MD3 to MD0 bit setting in TMDR. For details, refer
to section 11.4.8, Complementary PWM Mode.
2. When interrupt skipping is disabled (the T3AEN and T4VEN bits are cleared to 0 in the
timer interrupt skipping set register (TITCR) or the skipping count set bits (3ACOR and
4VCOR) in TITCR are cleared to 0)), be sure to disable link of buffer transfer with
interrupt skipping (clear the BTE1 bit in the timer buffer transfer set register (TBTER) to
0). If link with interrupt skipping is enabled while interrupt skipping is disabled, buffer
transfer will not be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com